PART |
Description |
Maker |
C1815LT1-SOT-23 |
TRANSISTORNPN
|
江苏长电科技股份有限公司
|
SS8050LT1-SOT-23 |
TRANSISTORNPN
|
江苏长电科技股份有限公司
|
C2611-TO-251 |
TRANSISTORNPN
|
江苏长电科技股份有限公司
|
3DD13007-TO-220 |
TRANSISTORNPN 晶体管(NPN)的
|
济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd.
|
KSC2331-TO-92L |
TRANSISTORNPN TRANSISTOR锛?NPN 锛?/span>
|
江苏长电科技股份有限公司 姹???跨?绉???′唤??????
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
154-22 153-28 154-18 154-04 154-10 154-14 154-12 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 180V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 7.5A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 7.5A I(C) TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 40V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7.5A I(C) | STR-1/4 晶体管|晶体管|叩| 60V的五(巴西)总裁| 7.5AI(丙)|个STR - 1 / 4 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 7.5A I(C) 晶体管|晶体管| npn型| 280伏特五(巴西)总裁| 7.5AI(丙
|
NXP Semiconductors N.V. Bel Fuse, Inc. YEONHO Electronics Co., Ltd.
|
BB1 BB1A4A BB1A4M BB1L3N BB1A3M BB1F3P BB1J3P BB1L |
COMPOUND TRANSISTOR on-chip resistor NPN silicon epitaxial transistor For mid-speed switching Hybrid transistor
|
NEC Corp. NEC[NEC]
|
2SB798 2SB798-T2 2SB798-T1 2SB794L 2SB798DK-AZ 2SB |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD PACKAGE-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1.5A I(C) | TO-126 PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
IRC Advanced Film NEC[NEC]
|
FA1F4Z FA1F4ZL65 FA1F4Z-L FA1F4Z-T2B |
Compound transistor MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD TRANSISTOR | 60V V(BR)CEO | 100MA I(C) | SOT-346
|
NEC Corp.
|
MC79L0006 MMBT5551-A-AE3-E-R MMBT5551-X-AE3-6-R MM |
PNP EXPITAXIAL PLANAR TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
AT-42036 AT-42036-TR1 AT-42036-BLK |
AT-42036 · General purpose transistor Agilent AT-42036 Up to 6 GHz Medium Power Silicon Bipolar Transistor TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 80MA I(C) | MICRO-X
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|